Part Number Hot Search : 
03007 CA10P X22C12S MM3Z10VS PQ1LAX95 6M182 CDB4265 03007
Product Description
Full Text Search
 

To Download LL4148L0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL4148/LL4448/LL914B 500mW High Speed SMD Switching Diode
Small Signal Diode
Mini-MELF (LL34) HERMETICALLY SEALED GLASS
C
Features
Fast switching device(Trr<4.0nS) Surface device type mounting Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant All External Surfaces are Corrosion Resistant and Leads are Readily Solderable
A B D
Mechanical Data
Case : Mini-MELF Package (JEDEC DO-213AC) High temperature soldering guaranteed : 270C/10s Polarity : Indicated by cathode band Weight : 50.8 0.5 mg
Dimensions A B C D
Unit (mm) Min 3.30 1.40 0.25 1.25 Max 3.70 1.60 0.40 1.40
Unit (inch) Min Max 0.130 0.146 0.055 0.063 0.010 0.016 0.049 0.055
Ordering Information
Part No. LLxxxx L1 LLxxxx L0 Package Mini-MELF Mini-MELF Packing 2.5Kpcs / 7" Reel 10Kpcs / 13" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Maximum Ratings
Type Number Power Dissipation Non-Repetitive Peak Reverse Voltage Repetitive Peak Reverse Voltage Peak Forward Surge Current Pulse Width 8.3ms Non-Repetitive Peak Forward Current Mean Forward Current Thermal Resistance (Junction to Ambient) (Note 1) Junction and Storage Temperature Range Symbol PD VRSM VRRM IFSM IFM IO RJA TJ, TSTG Value 500 100 75 2.0 450 150 300 -65 to + 200 Units mW V V A mA mA C/W C
Electrical Characteristics
Type Number Reverse Breakdown Voltage Forward Voltage LL4448, LL914B LL4148 LL4448, LL914B Reverse Leakage Current Junction Capacitance Reverse Recovery Time (Note 2) IF=5.0mA IF=10.0mA IF=100.0mA VR=20V VR=75V VR=0, f=1.0MHz IR CJ Trr VF 0.62 0.72 1.0 1.0 25 5.0 4.0 4.0 nA A pF ns V IR=100uA IR=5uA Symbol V(BR) Min 100 75 Max Units V
Notes:1. Valid provided that electrodes are kept at ambient temperature Notes:2. Reverse Recovery Test Conditions: IF=IR=10mA, RL=100, IRR=1mA
Version : D09
LL4148/LL4448/LL914B 500mW High Speed SMD Switching Diode
Small Signal Diode Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1 100
FIG 2 Reverse Current vs Reverse Voltage
Forward Current (A)
Reverse Current (uA)
0.1
10
Ta=25C
Ta=25C
1
0.01
0.1
0.001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120
Forward Voltage (V)
Reverse Voltage (V)
FIG 3 Admissible Power Dissipation Curve
500 1.5
FIG 4 Typical Junction Capacitance
Junction Capacitance (pF)
0 25 50 75 100 125 150 175 200
Power Dissipation (mW)
400 300 200 100 0
1.2 0.9 0.6 0.3 0 0 5 10 15 20 25 30
Ambient Temperature (C)
Reverse Voltage (V)
FIG 5 Forward Resistance vs. Forward Current
10000
Dynamic Forward Resistance ()
1000
100
10
1 0 0
Forward Current (mA)
1
10
100
Version : C09


▲Up To Search▲   

 
Price & Availability of LL4148L0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X